PART |
Description |
Maker |
4TPF330ML 6TPF220ML 2R5TPF470M7L 4TPF470ML 2R5TPF6 |
Low ESR / High Capacitance Products
|
Sanyo
|
IDT74FCT825BTSOB IDT74FCT825BTSO IDT74FCT825BTQB I |
Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:60V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:50V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 0.82UF 50V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.1UF 50V 10% X7R SMD-1805 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
ST |
SuperTan? Wet Tantalum Capacitors with Hermetic Seal, FEATURES: Very High Capacitance, 10 to 1800μF, 25 to 125VDC, -55°C to 125°C, Very Low ESR and High Ripple Current
|
Vishay
|
CGO462M045L CGO183M005L CGO882M028L CGO193M010L CG |
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
|
Cornell Dubilier Electronics Cornell Dubilier Electr...
|
ELXH201VSN102MA35S ELXH401VSN820MP30S ELXH401VSN82 |
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
|
United Chemi-Con, Inc.
|
SMH ESMH100VSN123MP25S ESMH100VSN153MP30S ESMH100V |
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS 大容量铝电解电容
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
TCSP1E106M8R |
Tantalum Capacitors (Bottom surface electrode : Extra large capacitance)
|
ROHM
|
TCTOAL0J476M8R TCTOAL1A336M8R |
Conductive Polymer Capacitors (Bottom surface electrode : Large capacitance)
|
ROHM
|
TCTAS1D106M8R TCTAS1C156M8R TCTAS0G227M8R TCTAS0G1 |
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
|
Rohm
|
TCTCL1A157MCR TCTCL0G337MCR TCTCL0E477MCR TCTCL1C1 |
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
|
Rohm
|